Part Number Hot Search : 
2D100 HCE2312A A1673 GPAF805 C106A4 A1702 B82478 D1212
Product Description
Full Text Search
 

To Download SRF10200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  plastic pack age has under writers l aborator y flammability classification 94v -0 metal silicon junction ,majority carrier conduction guard ring for over voltage protection l ow power loss ,high efficiency high current capability ,l ow for ward voltage drop high surge capability f or use in low voltage ,high frequency inver ters, free wheeling ,and polarity protection applications dual rectifier construction high temperature soldering guaranteed:260 c/10 seconds, 0.25"(6.35mm)from case component in accordance to r ohs 2002 / 95 / ec and weee 2002 / 96 / ec features mechanical data maximum ratings and electrical characteristics case : jedec ito -220ab molded plastic body t erminals : l ead solderable per mil -std -750,method 2026 p olarity : as mark ed. mounting p osition : any w eight : 0.08ounce, 2.24 gram notes : 1.pulse test: 300 s pulse width,1% duty cycle (r atings at 25 c ambient temperature unless other wise specified ,single phase ,half wave ,resistive or inductive load. f or capacitive load,derate by 20%.) 2.thermal resistance from junction to case dimensions in inches and (millimeters) schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 10.0amperes maximum repetitive peak reverse voltage v rrm v olts v olts v olts v olts m a a mps a mps v rms v dc i (a v) i f sm t stg v f i r r jc maximum rms voltage maximum dc blocking voltage maximum instantaneous for ward voltage at 10.0 a(note 1 ) t =25 c t =125 c a a t ypical thermal resistance (note 2) operating junction temperature range storage temperature range maximum instantaneous reverse current at rated dc blocking voltage(note 1) p eak for ward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) -65 to+150 -65 to+150 2.5 0.2 15 50 c/w c c t j 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 symbols units srf 1020ct srf 1030ct srf 1040ct srf 1050ct srf 1060ct srf 1080ct srf 10100ct srf 10200ct srf 10150ct 150 105 200 140 150 200 150 s r f 1 0 2 0 c t t h r u s r f 1 0 2 0 0 c t 0 . 60 0.75 0.85 0.95 0.90 it o-220ab 1.161(29.5) 0.177(4.50) 0.104(2.64) 0.029(0.73) 0.111(2.83) 0.140(3.55) 0.110(2.80) 0.187(4.75) 0.138(3.50) 0.551(14.00) 0.029(0.73) 1.083(27.5) 0.138(3.50) 0.096(2.44) 0.019(0.47) 0.101(2.57) 0.128(3.25) dia 0.102(2.60) 0.167(4.25) 0.130(3.30) 0.512(13.00) 0.019(0.47) pin 1 2 3 0.130(3.31) 0.11 1(2. 81) 0.056(1.43) 0.043(1.10) 0.410(10.41) 0.390(9.91) 0.067(1.70) 0.059(1.50) maximum average for ward rectified current(see f ig.1) per leg t otal device 5.0 10.0 gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017 1 xinghe electronics e?o??
2 0.01 0.001 0.01 1 0.1 10 20 0.1 1 0 25 50 75 100 125 150 50 10 0 20 0 40 60 80 100 1 10 100 0.2 0.4 0.6 0.8 1.0 1.6 1.4 1.2 0 20 40 60 80 100 120 150 0 4.0 6.0 8.0 10.0 2.0 fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t a m p e r e s i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) inst ant aneous forw ard vol t age (vol ts) reverse vol t age. vol ts t , pulse dura tion ,sec. percent of ra ted peak reverse vol t age% number of cycles a t 60hz lead tempera ture ( c) t j =25 c t j =125 c t j =150 c pulse width=300 s 1% duty cycle t j =t j max 8.3ms single half sine- wa ve (jedec method) t j =25 c resistive or inductive l oad 0.375" (9.5mm) lead length 1 10 0.1 0.1 0.1 0.01 1 1 10 10 100 100 100 4000 1000 100 fig.5-typical junction capacitance fig.6-typical transient thermal impedance j u n c t i o n c a p a c i t a n c e ( p f ) t r a n s i e n t t h e r m a l i m p e d a n c e , c / w t j =25 c f=1.0mh z vsig=50mvp-p srf1020ct-srf1040ct srf1050ct-srf10200ct srf1020ct-srf1040ct srf1050ct-srf10200ct srf1020ct-srf1040ct srf1050ct-srf10200ct t j =75 c t j =125 c gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017 schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 10.0amperes s r f 1 0 2 0 c t t h r u s r f 1 0 2 0 0 c t xinghe electronics e?o??


▲Up To Search▲   

 
Price & Availability of SRF10200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X